Part Number Hot Search : 
1N4006 PF10K 15KPA45A 1344184 74HC674 ML9XX15 MSC3005 SP9715C
Product Description
Full Text Search
 

To Download 1N459 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
1N459
* * * * *
1N459 AVAILABLE AS 1N459A, & AS JAN1N459 PER MIL-PRF-19500/193 SWITCHING DIODE METALLURGICALLY BONDED HERMETICALLY SEALED DOUBLE PLUG CONSTRUCTION
MAXIMUM RATINGS AT 25 C
Operating Temperature: Storage Temperature: Surge Current A, sine, 8.3mS: Total Power Dissipation: Operating Current: Derating Factor: D.C. Reverse Voltage (VRWM): -65C to +175C -65C to +175C 120mA 500mW 40mA, TA= +25C 0.32mA/C above TA= +25C 175V
DESIGN DATA
Case: Hermetically sealed glass package per MILPRF-19500/193 DO-7 outline Lead Material: Copper clad steel Lead Finish: Tin/Lead Thermal Impedance (ZJX): 70C/W maximum Marking: Blue body coat. Black digits. Polarity: Cathode end is banded.
DC ELECTRICAL CHARACTERISTICS
VF
Ambient (C) IF mA Min V Max V Ambient (C) V (dc)
IR
Min A Max A
25
3
-
1
25 25 150
175 200(ac) 175
-
0.025 100.0 5.0
IRELAND - GORT ROAD, ENNIS, CO. CLARE
PHONE: TOLL FREE: FAX: +353 65 6840044 +186 62 702434 +353 65 6822298
WWW.MICROSEMI.COM
U.S.A. DOMESTIC SALES CONTACT
PHONE: TOLL FREE: (617) 926 0404 1 800 666 2999


▲Up To Search▲   

 
Price & Availability of 1N459

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X